PART |
Description |
Maker |
G8912BCI G8912BD G8912BL G8912BLI G8912BP G8912BE |
CMOS PCM Transmit/receive Filters Aluminum Snap-In Capacitor; Capacitance: 3900uF; Voltage: 63V; Case Size: 30x35 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 80V; Case Size: 25x30 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 22x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 25x50 mm; Packaging: Bulk
|
California Micro Device... California Micro Devices Corporation
|
81DA472M035JA2D 81DA561M250MB2D 81DA103M035KB2D 81 |
Aluminum Capacitors 105 C/ Snap-in Aluminum Capacitors 105 C Snap-in Aluminum Capacitors 105 ∑C, Snap-in Aluminum Capacitors 105 隆?C, Snap-in Aluminum Capacitors 105 掳C, Snap-in Aluminum Capacitors 105 °C, Snap-in Linear Voltage Regulators for Automotive Applications; Package: PG-SCT595-5; Regulator Type: tracker; Output Voltage: adj.; Accuracy: 0.5 %; Max. Output Current: 50mA; Dropout Voltage: 300mV 铝电容器105ΣC,管理单
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
GAL16LV8 GAL16LV8C-10LJ GAL16LV8C-7LJ |
Low Voltage E2CMOS PLD Generic Array Logic Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 450V; Case Size: 35x30 mm; Packaging: Bulk EE PLD, 7.5 ns, PQCC20 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 250V; Case Size: 35x50 mm; Packaging: Bulk
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
AK9824 AK9824M AK9822 AK9822M |
2ch 8bit DA 4Kbit EEPROM 2ch 8bit DA 2Kbit EEPROM 2K / 4Kbit EEPROM with 2ch 8bit D/A Converter Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 160V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 30x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 160V; Case Size: 20x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 35x35 mm; Packaging: Bulk 2K / 4Kbit通道8位的EEPROM / A转换
|
http:// AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
SI2700M16 SI2700M450 SI2700M160 SI2700M25 SI270M25 |
SNAP?IN MOUNT ALUMINUM ELECTROLYTIC SNAP-IN MOUNT ALUMINUM ELECTROLYTIC Capacitor: 8.2mF: 25: 20%: 22 x 30: Snap-in: 2000
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
G8941 G8941-01 G8941-02 G8941-03 |
Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 80V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 80V; Case Size: 35x40 mm; Packaging: Bulk InGaAs PIN photodiode
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
ECOS2EG331GK ECEC2EG331GK ECOS2EG331HX ECOS2EG821U |
Snap-in Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 220 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 270 uF, THROUGH HOLE MOUNT CAN Snap-in Type
|
Panasonic Semiconductor Panasonic, Corp.
|
LPR472M063E7P3 LPR333M010E7P3 LPR391M250E7P3 LPR15 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 33000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 390 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 15000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 1000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 560 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 12000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 39000 uF, THROUGH HOLE MOUNT CAN
|
Aerovox, Corp.
|
3188BC682U063APS1 3188FF473U063APS1 3188EE273U063A |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 6800 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 47000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 27000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 82000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 39000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 68000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 10000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 33000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4700 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 56000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 150000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 18000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 1200 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT
|
Cornell Dubilier Electronics, Inc.
|
BUK9514-55 |
Aluminum Snap-In Capacitor; Capacitance: 820uF; Voltage: 160V; Case Size: 25x35 mm; Packaging: Bulk TrenchMOS transistor Logic level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
|